Part Number Hot Search : 
BOE100 AT1452BP 31ACD 2375AD LH2108A MB13CA AS19H UP03396
Product Description
Full Text Search
 

To Download OPR501107 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  optek technology inc. ? 1645 wallace drive, carrollton, texas 75006 phone: (972) 323-2200 or (800) 341-4747 fax: (972) 3 23-2396 sensors@optekinc .com www. optekinc.com issue a 01/07 page 1 of 3 optical comparator array opr5011 optek reserves the right to make changes at any time in or der to improve design and to s upply the best product possible. description: each opr5011 device is a hybrid sensor array that consists of three channels of the optek opc8332 differential optical comparator (?tri-doc?) ic. the single chip c onstruction ensures very tight dimensional tolerances between active areas. specifically designed for high-speed/hi gh-resolution encoder applications, the open collector output switches based on the comparison of the input photodiode?s light cu rrent levels. logarithmic amplification of the input signals facilitates operation over a wide range of light levels. the surface-mountable opaque polyimide package shields the photodiodes from stray light and can withstand multiple exposures to the most demanding soldering conditions, while the gold-plated wraparound contacts provide exceptional storage and wetting characteristics. features: ? precise active area location ? surface mountable ? ttl compatible output ? wide supply voltage range ? wide operating temperature range applications: ? high-speed applications ? high-resolution applications ? applications requiring a wide range of light levels rohs part number sensor # of elements icc (ma) typ / max optical hysteresis (%) typical optical offset (%) min / max opr5011 differential optical comparator 3 9 / 20 40.00 -40/+40 ordering information note: see page 2 for application circuit. inches [millimeters] dimensions are in: pin # description pin # description 1 b - output 5 n.c. 2 b - vcc 6 a - output 3 a + trim 7 a - vcc pin # description pin # description 9 z + trim 13 b + trim 10 z -trim 14 b -trim 11 z - output 4 a -trim 8 common 12 z - vcc
optical comparator array opr5011 optek technology inc. ? 1645 wallace drive, carrollton, texas 75006 phone: (972) 323-2200 or (800) 341-4747 fax: (972) 3 23-2396 sensors@optekinc .com www. optekinc.com issue a 01/07 page 2 of 3 optek reserves the right to make changes at any time in or der to improve design and to s upply the best product possible. application circuit - opr5011 notes: (1) the 74l2)4 is recommended as a means of isolating the ?doc? comparator circuitr y from transients induced by inductive and capacitive loads. (2) it is recommended that a decoupling capacitor be placed as close as po ssible to the device. block diagram - opc8332
optek technology inc. ? 1645 wallace drive, carrollton, texas 75006 phone: (972) 323-2200 or (800) 341-4747 fax: (972) 3 23-2396 sensors@optekinc .com www. optekinc.com issue a 01/07 page 3 of 3 optical comparator array opr5011 optek reserves the right to make changes at any time in or der to improve design and to s upply the best product possible. absolute maximum ratings (t a = 25 c unless otherwise noted) storage and operating temper ature -40 c to +100 c supply voltage 24 v solder reflow time within 5c of peak temperature is 20 to 40 seconds (1) 250 c power dissipation 500 mw output current 14 ma output voltage 24 v electrical characteristics (t a = 25 c unless otherwise noted) symbol parameter min typ max units test conditions i cc supply current - 9 20 ma v cc = 24 v v ol low level output voltage (2) - 0.3 0.4 v i ol = 14 ma, v cc = 4.5 v i oh high level output current (3) - 0.1 1 a v cc = v o = 20 v opt-hys optical hysteresis (4)(7) - 40 - % v cc = 5 v, i ol = 1 ma opt-off optical offset (4)(7) -40 10 +40 % v cc = 5 v, i ol = 1 ma f max frequency response (5) - 1 - mhz t lh output rise time (6) - 1 - s t hl output fall time (6) - 300 - ns v cc = 5 v notes: (1) solder time less than 5 seconds at temperature extreme. (2) pin (+) = 100.0 nw and pin (-) = 1.0 w . (3) pin (+) = 1.0 w and pin (-) = 100.0 nw. (4) pin (-) is held at 1.0 w while pin (+) is ra mped from 0.5 w to 1.5 w and back to 0.5 w. (5) pin (+) is modulated from 1.0 w to 2. 0 w. pin (-) is modulated from 1.0 w to 2.0 w with phase shifted 180 with respec t to pin (+). use 100 k ? trimpot to set the output signal to 50% duty cycle for maximum operating frequency. (6) measured between 10% and 90% points. (7) optical hysteresis and optical offset are found by placi ng 1.0 w of light on the inverting photodiode and ramping the ligh t intensity of the non-inverting input from 0.5 w up to 1.5 w and back down. this will produce two trigger points ? an upper t rigger point and lower trigger point. these points are used to calculate the optical hysteresis and offset. these are defined as: % optical hysteresis = 100 x (p rise - p fall) p in (-) % optical offset = 100 x (p average - p (-)) p in (-) where: p in (-) = light level incident upon the ?-? photodiode on the ic chip (pin) (-) = 1.0 w). p rise = value of light power level incident upon the ?+? pho todiode that his required to switch the digital output when the light level is an increasing level (rising edge). p fall = value of light power level incident upon the ?+? pho todiode that is required to switch the digital output when the light level is decreasing level (falling edge). p average = (p rise + p fall) 2


▲Up To Search▲   

 
Price & Availability of OPR501107

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X